Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 8 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 4Page - Texas Instruments MPZ2012S101A Datasheet HTML 5Page - Texas Instruments MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
PO − Output Power − W
0
20
40
60
80
100
0.0
0.5
1.0
1.5
G001
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 4.2 V
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
PO − Output Power − W
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
G002
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 4.2 V
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
G003
VDD = 3.6 V
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 2.5 V
VDD = 4.2 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
G004
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
G005
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
G006
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
TPA2013D1
SLOS520 – AUGUST 2007
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
POWER DISSIPATION
POWER DISSIPATION
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 3.
Figure 4.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com