Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 14 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 14 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments MPZ2012S101A Datasheet HTML 15Page - Texas Instruments MPZ2012S101A Datasheet HTML 16Page - Texas Instruments MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.ti.com
SETTING THE BOOST VOLTAGE
CC
0.5
(R1 + R2)
V
=
R1
´
æ
ö
ç
÷
è
ø
(1)
INDUCTOR SELECTION
CC
L
CC
DD
V
I
= I
V
0.8
æ
ö
´ ç
÷
´
è
ø
(2)
DD
CC
DD
L
CC
V
(V
V
)
L =
I
f
V
boost
´
-
D
´
´
(3)
TPA2013D1
SLOS520 – AUGUST 2007
Use Equation 1 to determine the value of R1 for a given VCC. The maximum recommended value for VCC is
5.5 V. The typical value of the VCCFB pin is 500 mV. The current through the resistor divider should be about 100
times greater than the current into the VCCFB pin, typically 0.01 μA. Based on those two values, the
recommended value of R2 is 500 k
Ω. VCC must be greater than 3 V and less than or equal to 5.5 V.
SURFACE MOUNT INDUCTORS
Working inductance decreases as inductor current increases. If the drop in working inductance is severe enough,
it may cause the boost converter to become unstable, or cause the TPA2013D1 to reach its current limit at a
lower output power than expected. Inductor vendors specify currents at which inductor values decrease by a
specific percentage. This can vary by 10% to 35%. Inductance is also affected by dc current and temperature.
TPA2013D1 INDUCTOR EQUATIONS
Inductor current rating is determined by the requirements of the load. The inductance is determined by two
factors: the minimum value required for stability and the maximum ripple current permitted in the application.
Use Equation 2 to determine the required current rating. Equation 2 shows the approximate relationship between
the average inductor current, IL, to the load current, load voltage, and input voltage (ICC, VCC, and VDD,
respectively). Insert ICC, VCC, and VDD into Equation 2 to solve for IL. The inductor must maintain at least 90% of
its initial inductance value at this current.
The minimum working inductance is 2.2
μH. A lower value may cause instability.
Ripple current,
ΔIL, is peak-to-peak variation in inductor current. Smaller ripple current reduces core losses in the
inductor as well as the potential for EMI. Use Equation 3 to determine the value of the inductor, L. Equation 3
shows the relationship between inductance L, VDD, VCC, the switching frequency, fboost, and ΔIL. Insert the
maximum acceptable ripple current into Equation 3 to solve for L.
ΔIL is inversely proportional to L. Minimize ΔIL as much as is necessary for a specific application. Increase the
inductance to reduce the ripple current. Note that making the inductance too large will prevent the boost
converter from responding to fast load changes properly. Typical inductor values for the TPA2013D1 are 4.7
μH
to 6.8
μH.
Select an inductor with a small dc resistance, DCR. DCR reduces the output power due to the voltage drop
across the inductor.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com