Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 10 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 10 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G013
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
10
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
0.01
0.1
1
3
PO − Output Power − W
1
0.1
0.01
G014
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
10
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
100
PO − Output Power − W
0.01
0.1
1
5
1
0.1
0.01
G015
Gain = 2 V/V
RL = 4 Ω + 33 µH
VCC = 5.5 V
10
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
100
f − Frequency − Hz
20
100
1k
20k
0.1
0.01
0.001
G016
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 1.8 V
1
PO = 0.075 W
PO = 0.2 W
10k
PO = 0.025 W
10
f − Frequency − Hz
0.1
0.01
0.001
G017
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 3.6 V
1
PO = 0.05 W
PO = 1 W
20
100
1k
20k
10k
PO = 0.25 W
10
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G018
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 1.8 V
1
PO = 0.075 W
PO = 0.025 W
PO = 0.2 W
10
TPA2013D1
SLOS520 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
FREQUENCY
Figure 15.
Figure 16.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com