Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 16 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 16 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 12Page - Texas Instruments MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments MPZ2012S101A Datasheet HTML 15Page - Texas Instruments MPZ2012S101A Datasheet HTML 16Page - Texas Instruments MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments MPZ2012S101A Datasheet HTML 19Page - Texas Instruments MPZ2012S101A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
(
)
CC
CC
DD
boost
CC
I
V
V
C = 2
V
f
V
´
-
´
D
´
´
(4)
(
)
CC
CC
DD
boost
CC
I
V
V
C =
V
f
V
´
-
D
´
´
(5)
TPA2013D1
SLOS520 – AUGUST 2007
TPA2013D1 CAPACITOR EQUATIONS
The value of the boost capacitor is determined by the minimum value of working capacitance required for stability
and the maximum voltage ripple allowed on VCC in the application. The minimum value of working capacitance is
10
μF. Do not use any component with a working capacitance less than 10 μF.
For X5R or X7R ceramic capacitors, Equation 4 shows the relationship between the boost capacitance, C, to
load current, load voltage, ripple voltage, input voltage, and switching frequency (ICC, VCC, ΔV, VDD, fboost
respectively). Insert the maximum allowed ripple voltage into Equation 4 to solve for C. A factor of 2 is included
to implement the rules and specifications listed earlier.
For aluminum or tantalum capacitors, Equation 5 shows the relationship between he boost capacitance, C, to
load current, load voltage, ripple voltage, input voltage, and switching frequency (ICC, VCC, ΔV, VDD, fboost
respectively). Insert the maximum allowed ripple voltage into Equation 5 to solve for C. Solve this equation
assuming ESR is zero.
Capacitance of aluminum and tantalum capacitors is normally not sensitive to applied voltage so there is no
factor of 2 included in Equation 5. However, the ESR in aluminum and tantalum capacitors can be significant.
Choose an aluminum or tantalum capacitor with ESR around 30 m
Ω. For best perfornamce using of tantalum
capacitor, use at least a 10 V rating. Note that tantalum capacitors must generally be used at voltages of half
their ratings or less.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com