Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 19 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 19 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 15Page - Texas Instruments MPZ2012S101A Datasheet HTML 16Page - Texas Instruments MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments MPZ2012S101A Datasheet HTML 19Page - Texas Instruments MPZ2012S101A Datasheet HTML 20Page - Texas Instruments MPZ2012S101A Datasheet HTML 21Page - Texas Instruments MPZ2012S101A Datasheet HTML 22Page - Texas Instruments MPZ2012S101A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
TPA2032D1
V
DD
IN–
IN+
GND
V
O+
SHUTDOWN
C
I
C
I
1 F
m
V
O–
V
DD
SW
IN–
IN+
AGND
PGND
VOUT+
VOUT–
V
OUT
CC
V
IN
CC
22 F
m
47 F
m
1 F
m
ToBattery
Left
Channel
Input
Right
Channel
Input
C
IN
C
IN
V
FB
CC
SDb
SDd
ShutDownBoost
ShutDownClassD
GAIN
4.7 H
m
GPIO
1 F
m
R1
62.5k
R2
500k
TPA2013D1
LED DRIVER FOR DIGITAL STILL CAMERAS
GPIO
LXCL-PWF3
NDS355N
1 W
CKG57NX5R1C107M
V
DD
SW
IN–
IN+
AGND
PGND
VOUT+
VOUT–
V
OUT
CC
V
IN
CC
22 F
m
100 F
m
1 F
m
ToBattery
Differential
Input
C
IN
C
IN
V
FB
CC
SDb
SDd
ShutDownBoost
ShutDownClassD
GAIN
Gain
6.2 H
m
GPIO
1 F
m
R1
50k
R2
500k
TPA2013D1
TPA2013D1
SLOS520 – AUGUST 2007
Figure 32. TPA2013D1 in Stereo With the TPA2032D1
Use the boost converter of the TPA2013D1 as a power supply for the flash LED of a digital still camera. Use a
microprocessor or other device or synchronize the flash to shutter sound that typically comes from the speaker of
a digital still camera. Figure 33 shows a typical circuit for this application. LEDs, switches, and other components
will vary by application.
Figure 33. LED Driver
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com