Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 12 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 12 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments MPZ2012S101A Datasheet HTML 15Page - Texas Instruments MPZ2012S101A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.ti.com
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G025
Gain = 2 V/V
RL = 8 Ω
VCC = 5.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
50
55
60
65
70
75
80
85
90
95
100
IO − Output Current − A
0.01
0.1
1
VCC = 4.5 V
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.6 V
VDD = 4.2 V
G026
50
55
60
65
70
75
80
85
90
95
100
IO − Output Current − A
0.01
0.1
1
VCC = 5.5 V
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.6 V
VDD = 4.2 V
G027
VDD − Supply Voltage − V
50
60
70
80
90
100
1.8
2.2
2.6
3.0
3.4
3.8
4.2
ICC = 250 mA
L = 4.7
µH
VCC = 4.5 V
VCC = 5.5 V
G028
VDD − Supply Voltage (Boost) − V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
L = 4.7
µH
VCC = 4.5 V
VCC = 5.5 V
G029
t − Time − ms
−2
−1
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
VCC
OUT
SDb, SDd
Start Time 7.5 ms
G030
TPA2013D1
SLOS520 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
COMMON-MODE REJECTION RATIO
BOOST EFFICIENCY
vs
vs
FREQUENCY
OUTPUT CURRENT
Figure 25.
Figure 26.
BOOST EFFICIENCY
BOOST EFFICIENCY
vs
vs
OUTPUT CURRENT
SUPPLY VOLTAGE
Figure 27.
Figure 28.
MAXIMUM CONTINUOUS OUTPUT CURRENT
vs
SUPPLY VOLTAGE (BOOST)
Start-Up Time
Figure 29.
Figure 30.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com