Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 7 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 3Page - Texas Instruments MPZ2012S101A Datasheet HTML 4Page - Texas Instruments MPZ2012S101A Datasheet HTML 5Page - Texas Instruments MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
CLASS D AMPLIFIER AC CHARACTERISTICS
TPA2013D1
IN+
IN
OUT+
OUT–
V
DD
V
DD
GND
C
I
C
I
Measurement
Output
+
+
–
–
Load
30kHz
Low-Pass
Filter
Measurement
Input
+
–
1 F
m
TPA2013D1
SLOS520 – AUGUST 2007
TA = 25°C, VDD = 3.6V, RL = 8 Ω, L = 4.7μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Output referred power supply
VDD = 3.6 V, VCC = 5.5V, 200 mVPP ripple, f = 217
–95
dB
Class-D
rejection ratio
Hz
f = 1 kHz, Po = 1.7 W, VCC = 5.5 V
1%
f = 1 kHz, Po = 1.2 W, VCC = 4.5 V
1%
THD+N
Total harmonic distortion + noise
Class-D
f = 1 kHz, Po = 2.2 W, VCC = 5.5 V
10%
f = 1 kHz, Po = 1 W, VCC = 5.5 V
0.1%
Vn
Output integrated noise floor
Av = 6 dB (2V/V)
31
Class-D
μVrms
Output integrated noise floor
Av = 6 dB (2V/V)
23
A-weighted
THD+N = 10%, VCC = 5.5V, VDD = 3.6V , RL = 8 Ω
2.2
THD+N = 1%, VCC = 5.5V, VDD = 3.6V , RL = 8 Ω
1.7
THD+N = 1%, VCC = 4.5V, VDD = 3.6V , RL = 8 Ω
1.2
PO
Maximum output power
W
THD+N = 10%, VCC = 5.5V, VDD = 3.6V , RL = 4 Ω
2.7
THD+N = 1%, VCC = 5.5V, VDD = 3.6V , RL = 4 Ω
2.2
THD+N = 1%, VCC = 4.5V, VDD = 3.6V , RL = 4 Ω
1.9
TEST SET-UP FOR GRAPHS
(1)
CI was shorted for any common-mode input voltage measurement. All other measurements were taken with a 1-μF CI
(unless otherwise noted).
(2)
A 33-
μH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter
(100
Ω, 47-nF) is used on each output for the data sheet graphs.
(4)
L = 4.7
μH is used for the boost converter unless otherwise noted.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com