Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 20 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 20 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 16Page - Texas Instruments MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments MPZ2012S101A Datasheet HTML 19Page - Texas Instruments MPZ2012S101A Datasheet HTML 20Page - Texas Instruments MPZ2012S101A Datasheet HTML 21Page - Texas Instruments MPZ2012S101A Datasheet HTML 22Page - Texas Instruments MPZ2012S101A Datasheet HTML 23Page - Texas Instruments MPZ2012S101A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
www.ti.com
BYPASSING THE BOOST CONVERTER
Toko
1098AS-4R7M
ToshibaCRS06
SchottkyDiode
V
DD
SW
IN–
IN+
AGND
PGND
VOUT+
VOUT–
V
OUT
CC
V
IN
CC
22 F
m
22 F
m
1 F
m
ToBattery
Left
Channel
Input
C
IN
C
IN
V
FB
CC
SDb
SDd
GAIN
4.7 H
m
GND=Bypass
V
=BoostMode
DD
1 F
m
R1
50k
R2
500k
TPA2013D1
GPIO
EFFICIENCY AND THERMAL INFORMATION
JA
1
1
=
=
= 80.64 C/W
Derating Factor
0.0124
q
°
(8)
TPA2013D1
SLOS520 – AUGUST 2007
Bypass the boost converter to drive the Class-D amplifier directly from the battery. Place a Shottky diode
between the SW pin and the VCCIN pin. Select a diode that has an average forward current rating of at least 1A,
reverse breakdown voltage of 10 V or greater, and a forward voltage as small as possible. See Figure 34 for an
example of a circuit designed to bypass the boost converter.
Do not configure the circuit to bypass the boost converter if VDD is higher than VCC when the boost converter is
enabled (SDb
≥ 1.3 V); VDD must be lower than VCC for proper operation. VDD may be set to any voltage within
the recommended operating range when the boost converter is disabled (SDb
≤ 0.3V).
Place a logic high on SDb to place the TPA2013D1 in boost mode. Place a logic low on SDb to place the
TPA2013D1 in bypass mode.
Figure 34. Bypass Circuit
The maximum ambient temperature depends on the heat-sinking ability of the PCB system. The derating factors
for the YZH and RGP packages are shown in the dissipation rating table. Apply the same principles to both
packages. Using the YZH package, and converting this to
θJA:
Given
θJA of 80.64°C/W, the maximum allowable junction temperature of 150°C, and the maximum internal
dissipation of 0.317 W (VDD = 3.6 V, PO = 1.7 W), the maximum ambient temperature is calculated with the
following equation:
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com