Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 21 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 21 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments MPZ2012S101A Datasheet HTML 19Page - Texas Instruments MPZ2012S101A Datasheet HTML 20Page - Texas Instruments MPZ2012S101A Datasheet HTML 21Page - Texas Instruments MPZ2012S101A Datasheet HTML 22Page - Texas Instruments MPZ2012S101A Datasheet HTML 23Page - Texas Instruments MPZ2012S101A Datasheet HTML 24Page - Texas Instruments MPZ2012S101A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
A
J
JA Dmax
T Max = T Max
P
= 150
80.64 (0.317) = 124 C
- q
-
°
(9)
BOARD LAYOUT
Copper TraceWidth
Solder PadWidth
SolderMask Opening
Copper Trace Thickness
SolderMask Thickness
TPA2013D1
SLOS520 – AUGUST 2007
Equation 9 shows that the calculated maximum ambient temperature is 124
°C at maximum power dissipation
under the above conditions. The TPA2013D1 is designed with thermal protection that turns the device off when
the junction temperature surpasses 150
°C to prevent damage to the IC. Also, using speakers more resistive than
4-
Ω dramatically increases the thermal performance by reducing the output current and increasing the efficiency
of the amplifier.
In making the pad size for the WCSP balls, use nonsolder mask defined (NSMD) land. With this method, the
solder mask opening is made larger than the desired land area, and the opening size is defined by the copper
pad width. Figure 35 and Table 5 show the appropriate diameters for a WCSP layout.
Figure 35. Land Pattern Dimensions
Table 5. Land Pattern Dimensions
SOLDER PAD
SOLDER MASK
COPPER
STENCIL
STENCIL
COPPER PAD
DEFINITIONS
OPENING
THICKNESS
OPENING
THICKNESS
Nonsolder mask
275
μm
375
μm
1 oz max (32
μm)
275
μm x 275 μm Sq.
125
μm thick
defined (NSMD)
(+0.0, –25
μm)
(+0.0, –25
μm)
(rounded corners)
NOTES:
1. Circuit traces from NSMD defined PWB lands should be 75
μm to 100 μm wide in the exposed area inside
the solder mask opening. Wider trace widths reduce device stand off and impact reliability.
2. Recommend solder paste is Type 3 or Type 4.
3. Best reliability results are achieved when the PWB laminate glass transition temperature is above the
operating the range of the intended application.
4. For a PWB using a Ni/Au surface finish, the gold thickness should be less 0.5 mm to avoid a reduction in
thermal fatigue performance.
5. Solder mask thickness should be less than 20
μm on top of the copper circuit pattern.
6. Best solder stencil performance is achieved using laser cut stencils with electro polishing. Use of chemically
etched stencils results in inferior solder paste volume control.
7. Trace routing away from WCSP device should be balanced in X and Y directions to avoid unintentional
component movement due to solder wetting forces.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com