Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 15 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 15 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments MPZ2012S101A Datasheet HTML 15Page - Texas Instruments MPZ2012S101A Datasheet HTML 16Page - Texas Instruments MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments MPZ2012S101A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.ti.com
CAPACITOR SELECTION
TPA2013D1
SLOS520 – AUGUST 2007
SURFACE MOUNT CAPACITORS
Temperature and applied dc voltage influence the actual capacitance of high-K materials.
Table 3 shows the relationship between the different types of high-K materials and their associated tolerances,
temperature coefficients, and temperature ranges. Notice that a capacitor made with X5R material can lose up to
15% of its capacitance within its working temperature range.
High-K material is very sensitive to applied dc voltage. X5R capacitors can have losses ranging from 15 to 45%
of their initial capacitance with only half of their dc rated voltage applied. For example, if 5 Vdc is applied to a 10
V, 1
μF X5R capacitor, the measured capacitance at that point may show 0.85 μF, 0.55 μF, or somewhere in
between. Y5V capacitors have losses that can reach or exceed 50% to 75% of their rated value.
In an application, the working capacitance of components made with high-K materials is generally much lower
than nominal capacitance. A worst case result with a typical X5R material might be –10% tolerance, –15%
temperature effect, and –45% dc voltage effect at 50% of the rated voltage. This particular case would result in a
working capacitance of 42% (0.9
× 0.85 × 0.55) of the nominal value.
Select high-K ceramic capacitors according to the following rules:
1. Use capacitors made of materials with temperature coefficients of X5R, X7R, or better.
2. Use capacitors with dc voltage ratings of at least twice the application voltage. Use minimum 10 V capacitors
for the TPA2013D1.
3. Choose a capacitance value at least twice the nominal value calculated for the application. Multiply the
nominal value by a factor of 2 for safety. If a 10
μF capacitor is required, use 20 μF.
The preceding rules and recommendations apply to capacitors used in connection with the TPA2013D1. The
TPA2013D1 cannot meet its performance specifications if the rules and recommendations are not followed.
Table 3. Typical tolerance and temperature coefficient of capacitance by material
Material
COG/NPO
X7R
X5R
Typical Tolerance
±5%
±10%
80/–20%
Temperature Coefficient
±30ppm
±15%
22/–82%
Temperature Range,
°C
–55/125
°C
–55/125
°C
-30/85
°C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com