Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 41Page - Cirrus Logic CS8420-CS Datasheet HTML 42Page - Cirrus Logic CS8420-CS Datasheet HTML 43Page - Cirrus Logic CS8420-CS Datasheet HTML 44Page - Cirrus Logic CS8420-CS Datasheet HTML 45Page - Cirrus Logic CS8420-CS Datasheet HTML 46Page - Cirrus Logic CS8420-CS Datasheet HTML 47Page - Cirrus Logic CS8420-CS Datasheet HTML 48Page - Cirrus Logic CS8420-CS Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
DS245F4
45
CS8420
10.16 Receiver Error Mask (11h)
The bits in this register serve as masks for the corresponding bits of the Receiver Error Regis-
ter. If a mask bit is set to 1, the error is considered unmasked, meaning that its occurrence will
appear in the receiver error register, will affect the RERR pin, will affect the RERR interrupt, and
will affect the current audio sample according to the status of the HOLD bit. If a mask bit is set
to 0, the error is considered masked, meaning that its occurrence will not appear in the receiver
error register, will not affect the RERR pin, will not affect the RERR interrupt, and will not affect
the current audio sample. The CCRC and QCRC bits behave differently from the other bits: they
do not affect the current audio sample even when unmasked. This register defaults to 00.
10.17 Channel Status Data Buffer Control (12h)
BSEL
Selects the data buffer register addresses to contain User data or Channel Status data
0 - Data buffer address space contains Channel Status data (default)
1 - Data buffer address space contains User data
CBMR
Control for the first 5 bytes of channel status “E” buffer
0 - Allow D to E buffer transfers to overwrite the first 5 bytes of channel status data
(default)
1 - Prevent D to E buffer transfers from overwriting first 5 bytes of channel status data
DETCI
D to E C-data buffer transfer inhibit bit.
0 - Allow C-data D to E buffer transfers (default)
1 - Inhibit C-data D to E buffer transfers
EFTCI
E to F C-data buffer transfer inhibit bit.
0 - Allow C-data E to F buffer transfers (default)
1 - Inhibit C-data E to F buffer transfers
CAM
C-data buffer control port access mode bit
0 - One byte mode
1 - Two byte mode
CHS
Channel select bit
0 - Channel A information is displayed at the EMPH pin and in the receiver channel
status register. Channel A information is output during control port reads when
CAM is set to 0 (One Byte Mode)
1 - Channel B information is displayed at the EMPH pin and in the receiver channel
status register. Channel B information is output during control port reads when
CAM is set to 0 (One Byte Mode)
76543210
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
76543210
0
0
BSEL
CBMR
DETCI
EFTCI
CAM
CHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com