Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 31Page - Cirrus Logic CS8420-CS Datasheet HTML 32Page - Cirrus Logic CS8420-CS Datasheet HTML 33Page - Cirrus Logic CS8420-CS Datasheet HTML 34Page - Cirrus Logic CS8420-CS Datasheet HTML 35Page - Cirrus Logic CS8420-CS Datasheet HTML 36Page - Cirrus Logic CS8420-CS Datasheet HTML 37Page - Cirrus Logic CS8420-CS Datasheet HTML 38Page - Cirrus Logic CS8420-CS Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
DS245F4
35
CS8420
10.3
Miscellaneous Control 2 (02h)
TRUNC
Determines whether the word length is set according to the incoming Channel Status data
0 - Data to the SRC is not truncated (default)
1 - Data to the SRC is set according to the AUX field in the incoming data stream
HOLD[1:0]
The HOLD bits determine how the received audio sample is affected when a receiver
error occurs.
00 - Hold the last valid audio sample (default)
01 - Replace the current audio sample with 00 (mute)
10 - Do not change the received audio sample
11 - Reserved
RMCKF
Select recovered master clock output pin frequency.
0 - RMCK is equal to 256 * Fsi (default)
1 - RMCK is equal to 128 * Fsi
MMR
Select AES3 receiver mono or stereo operation
0 - Interpret A and B subframes as two independent channels (normal stereo operation, default)
1 - Interpret A and B subframes as consecutive samples of one channel of data.This data is
duplicated to both left and right parallel outputs of the AES receiver block. The input sample
rate (Fsi) is doubled compared to MMR=0
MMT
Select AES3 transmitter mono or stereo operation
0 - Outputs left channel input into A subframe and right channel input into B subframe (normal
stereo operation, default).
1 - Output either left or right channel inputs into consecutive subframe outputs (mono mode, left
or right is determined by MMTLR bit)
MMTCS
Select A or B channel status data to transmit in mono mode
0 - Use channel A CS data for the A sub-frame slot and use channel B CS data for the B sub-
frame slot (default)
1 - Use the same CS data for both the A and B sub-frame output slots. If MMTLR = 0, use the
left channel CS data. If MMTLR = 1, use the right channel CS data.
MMTLR
Channel Selection for AES Transmitter mono mode
0 - Use left channel input data for consecutive sub-frame outputs (default)
1 - Use right channel input data for consecutive sub-frame outputs
7
6
5
4
3210
TRUNC
HOLD1
HOLD0
RMCKF
MMR
MMT
MMTCS
MMTLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com