Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 37Page - Cirrus Logic CS8420-CS Datasheet HTML 38Page - Cirrus Logic CS8420-CS Datasheet HTML 39Page - Cirrus Logic CS8420-CS Datasheet HTML 40Page - Cirrus Logic CS8420-CS Datasheet HTML 41Page - Cirrus Logic CS8420-CS Datasheet HTML 42Page - Cirrus Logic CS8420-CS Datasheet HTML 43Page - Cirrus Logic CS8420-CS Datasheet HTML 44Page - Cirrus Logic CS8420-CS Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
DS245F4
41
CS8420
10.9
Interrupt Register 2 Status (08h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least
once since the register was last read. A”0” means the associated interrupt condition has NOT
occurred since the last reading of the register. Reading the register resets all bits to 0, unless
the interrupt mode is set to level and the interrupt source is still true. Status bits that are masked
off in the associated mask register will always be “0” in this register. This register defaults to 00.
VFIFO
Varispeed FIFO overflow indicator. Occurs if the data buffer in the SRC overflows. This will oc-
cur if the input sample rate slows too fast.
REUNLOCK
Sample rate converter unlock indicator. This interrupt occurs if the SRC is still tracking a chang-
ing input or output sample rate.
DETU
D to E U-buffer transfer interrupt. The source of this bit is true during the D to E buffer transfer
in the U bit buffer management process (block mode only).
EFTU
E to F U-buffer transfer interrupt. The source of this bit is true during the E to F buffer transfer
in the U bit buffer management process (block mode only).
QCH
A new block of Q-subcode data is available for reading. The data must be completely read with-
in 588 AES3 frames after the interrupt occurs to avoid corruption of the data by the next block.
UOVW
U-bit FIFO Overwrite. This interrupt occurs on an overwrite in the U-bit FIFO.
10.10 Interrupt 1 Register Mask (09h)
The bits of this register serve as a mask for the Interrupt 1 Register. If a mask bit is set to 1, the error is
considered unmasked, meaning that its occurrence will affect the INT pin and the status register. If a mask
bit is set to 0, the error is considered masked, meaning that its occurrence will not affect the INT pin or the
status register. The bit positions align with the corresponding bits in Interrupt Register 1. This register de-
faults to 00.
10.11 Interrupt Register 1 Mode Registers MSB & LSB (0Ah,0Bh)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Register 1 function. This code deter-
mines whether the INT pin is set active on the arrival of the interrupt condition, on the removal of the interrupt
condition, or on the continuing occurrence of the interrupt condition. These registers default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
7
6
5
4
3
210
0
0
VFIFO
REUNLOCK
DETU
EFTU
QCH
UOVW
7
6
5
4
3
210
TSLIPM
OSLIPM
SREM
OVRGLM
OVRGRM
DETCM
EFTCM
RERRM
7
6
5
4
3210
TSLIP1
OSLIP1
SRE1
OVRGL1
OVRGR1
DETC1
EFTC1
RERR1
TSLIP0
OSLIP0
SRE0
OVRGL0
OVRGR0
DETC0
EFTC0
RERR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com