Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 74Page - Cirrus Logic CS8420-CS Datasheet HTML 75Page - Cirrus Logic CS8420-CS Datasheet HTML 76Page - Cirrus Logic CS8420-CS Datasheet HTML 77Page - Cirrus Logic CS8420-CS Datasheet HTML 78Page - Cirrus Logic CS8420-CS Datasheet HTML 79Page - Cirrus Logic CS8420-CS Datasheet HTML 80Page - Cirrus Logic CS8420-CS Datasheet HTML 81Page - Cirrus Logic CS8420-CS Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
78
DS245F4
CS8420
14. EXTERNAL AES3/SPDIF/IEC60958 TRANSMITTER AND RECEIVER
COMPONENTS
This section details the external components required to interface the AES3 transmitter and receiver to cables and
fiber-optic components.
14.1
AES3 Transmitter External Components
The output drivers on the CS8420 are designed to drive both the professional and consumer interfaces. The
AES3 specification for professional/broadcast use calls for a 110
Ω source impedance and a balanced drive
capability. Since the transmitter output impedance is very low, a 110
Ω resistor should be placed in series
with one of the transmit pins. The specifications call for a balanced output drive of 2-7 volts peak-to-peak
into a 110
Ω load with no cable attached. Using the circuit in Figure 30, the output of the transformer is short-
circuit protected, has the proper source impedance, and provides a 5 volts peak-to-peak signal into a 110
Ω
load. Lastly, the two output pins should be attached to an XLR connector with male pins and a female shell,
and with pin 1 of the connector grounded.
In the case of consumer use, the IEC60958 specifications call for an unbalanced drive circuit with an output
impedance of 75
Ω and a output drive level of 0.5 V peak-to-peak ±20% when measured across a 75 Ω load
using no cable. The circuit shown in Figure 31 only uses the TXP pin and provides the proper output imped-
ance and drive level using standard 1% resistors. The connector for a consumer application would be an
RCA phono socket. This circuit is also short circuit protected.
110-(R
TXP+RTXN)
TXP
TXN
XLR
1
CS8420
Figure 30. Professional Output Circuit
374-R
TXP
90.9
Ω
TXP
TXN
RCA
Phono
CS8420
Figure 31. Consumer Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com