Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 86Page - Cirrus Logic CS8420-CS Datasheet HTML 87Page - Cirrus Logic CS8420-CS Datasheet HTML 88Page - Cirrus Logic CS8420-CS Datasheet HTML 89Page - Cirrus Logic CS8420-CS Datasheet HTML 90Page - Cirrus Logic CS8420-CS Datasheet HTML 91Page - Cirrus Logic CS8420-CS Datasheet HTML 92Page - Cirrus Logic CS8420-CS Datasheet HTML 93Page - Cirrus Logic CS8420-CS Datasheet HTML 94Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
DS245F4
91
CS8420
17. PARAMETER DEFINITIONS
Input Sample Rate (Fsi)
The sample rate of the incoming digital audio.
Input Frame Rate
The frame rate of the received AES3 format data.
Output Sample Rate (Fso)
The sample rate of the outgoing digital audio.
Output Frame Rate
The frame rate of the transmitted AES3 format data.
Dynamic Range
The ratio of the maximum signal level to the noise floor.
Total Harmonic Distortion and Noise
The ratio of the noise and distortion to the test signal level. Normally referenced to 0 dBFS.
Peak Idle Channel Noise Component
With an all-zero input, what is the amplitude of the largest frequency component visible with a 16K point
FFT. The value is in dB ratio to full-scale.
Input Jitter Tolerance
The amplitude of jitter on the AES3 stream, or in the ILRCK clock, that will cause measurable artifacts in the
SRC output. Test signal is full scale 9 kHz, Fsi is 48 kHz, Fso is different 48 kHz, jitter is 2 kHz sinusoidal,
and audio band white noise.
AES3 Transmitter Output Jitter
With a jitter free OMCK clock, what is the jitter added by the AES3 transmitter.
Gain Error
The difference in amplitude between the output and the input signal level, within the passband of the digital
filter in the SRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com