Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 6Page - Cirrus Logic CS8420-CS Datasheet HTML 7Page - Cirrus Logic CS8420-CS Datasheet HTML 8Page - Cirrus Logic CS8420-CS Datasheet HTML 9Page - Cirrus Logic CS8420-CS Datasheet HTML 10Page - Cirrus Logic CS8420-CS Datasheet HTML 11Page - Cirrus Logic CS8420-CS Datasheet HTML 12Page - Cirrus Logic CS8420-CS Datasheet HTML 13Page - Cirrus Logic CS8420-CS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
10
DS245F4
CS8420
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI™ MODE
Inputs: Logic 0 = 0 V, Logic 1 = VD+; CL = 20 pF.
13. If Fso or Fsi is lower than 46.875 kHz, the maximum CCLK frequency should be less than 128 Fso and
less than 128 Fsi. This is dictated by the timing requirements necessary to access the Channel Status and
User Bit buffer memory. Access to the control register file can be carried out at the full 6 MHz rate. The
minimum allowable input sample rate is 8 kHz, so choosing CCLK to be less than or equal to 1.024 MHz
should be safe for all possible conditions.
14. Data must be held for sufficient time to bridge the transition time of CCLK.
15. For fsck < 1 MHz.
Parameter
Symbol
Min
Typ
Max
Units
CCLK Clock Frequency
(Note 13)
fsck
0-
6.0
MHz
CS High Time Between Transmissions
tcsh
1.0
-
-
μs
CS Falling to CCLK Edge
tcss
20
-
-
ns
CCLK Low Time
tscl
66
-
-
ns
CCLK High Time
tsch
66
-
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
-
ns
CCLK Rising to DATA Hold Time
(Note 14)
tdh
18
-
-
ns
CCLK Falling to CDOUT Stable
tpd
-
-
45
ns
Rise Time of CDOUT
tr1
-
-
25
ns
Fall Time of CDOUT
tf1
-
-
25
ns
Rise Time of CCLK and CDIN
(Note 15)
tr2
--
100
ns
Fall Time of CCLK and CDIN
(Note 15)
tf2
--
100
ns
t r2
t f2
t dsu
t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
Figure 3. SPI Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com