Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 53Page - Cirrus Logic CS8420-CS Datasheet HTML 54Page - Cirrus Logic CS8420-CS Datasheet HTML 55Page - Cirrus Logic CS8420-CS Datasheet HTML 56Page - Cirrus Logic CS8420-CS Datasheet HTML 57Page - Cirrus Logic CS8420-CS Datasheet HTML 58Page - Cirrus Logic CS8420-CS Datasheet HTML 59Page - Cirrus Logic CS8420-CS Datasheet HTML 60Page - Cirrus Logic CS8420-CS Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
DS245F4
57
CS8420
13.2.1
Pin Description - Hardware Mode 1
Overall Device Control:
DFC0, DFC1 - Data Flow Control Inputs
DFC0 and DFC1 inputs determine the major data flow options available in Hardware mode, as shown in Table 5.
S/AES - Serial Audio or AES3 Input Select
S/AES is connected to ground in Hardware mode 1 in order to select the AES3 input.
MUTE - Mute Output Data Input
If MUTE is low, audio data is passed normally. If MUTE is high, both the AES3 transmitted audio data and the serial
audio output port data is set to digital zero.
OMCK - Output Section Master Clock Input
Output section master clock input. The frequency must be 256x the output sample rate (Fso).
AES3/SPDIF Receiver Interface:
RXP, RXN - Differential Line Receiver Inputs
Differential line receiver inputs, carrying AES3 type data.
RMCK - Input Section Recovered Master Clock Output
Input section recovered master clock output. Will be at a frequency of 256x the input sample rate (Fsi). This is also
a start-up option pin and requires a pull-up or pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com