Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 86Page - Cirrus Logic CS8420-CS Datasheet HTML 87Page - Cirrus Logic CS8420-CS Datasheet HTML 88Page - Cirrus Logic CS8420-CS Datasheet HTML 89Page - Cirrus Logic CS8420-CS Datasheet HTML 90Page - Cirrus Logic CS8420-CS Datasheet HTML 91Page - Cirrus Logic CS8420-CS Datasheet HTML 92Page - Cirrus Logic CS8420-CS Datasheet HTML 93Page - Cirrus Logic CS8420-CS Datasheet HTML 94Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 93 / 94 page
background image
DS245F4
93
CS8420
19. ORDERING INFORMATION
20. REVISION HISTORY
Product
Description
Package Pb-Free
Grade
Temp Range
Container
Order#
CS8420
Digital Audio Sample
Rate Converter
28-SOIC
No
Commercial -10º to +70ºC
Rail
CS8420-CS
Tape and Reel CS8420-CSR
Yes
Commercial -10º to +70ºC
Rail
CS8420-CSZ
Tape and Reel CS8420-CSZR
Automotive -40º to +85ºC
Rail
CS8420-DSZ
Tape and Reel CS8420-DSZR
CDB8420
Evaluation Board for
CS8420
-
-
-
-
-
CDB8420
Release
Changes
PP1
1st Preliminary Release
PP2
2nd Preliminary Release
PP3
3rd Preliminary Release
PP4
-Added IS package to front page.
-Added IS package to
“Ambient Operating Temperature:” on page 6.
-Corrected
“Minimizing Group Delay Through Multiple CS8420s When Locking to ILRCK” on page 28.
-Revised
“SRC Invalid State” on page 49.
PP5
-Added DS package to front page.
-Added DS package to
“Ambient Operating Temperature:” on page 6.
-Corrected
“tdpd” on page 9.
-Corrected
“tlmd” on page 9.
-Corrected
“tsmd” on page 9.
-Corrected
“tdh” on page 10.
-Added
“C/U Buffer Data Corruption” on page 49
PP6
-Added lead-free ordering information.
F1
Final Release 1
-Changed format of
Figure 17 on page 20 and Figure 18 on page 21.
-Changed SORES description to refer to sample rate converter as data source in
“Serial Audio Output Port
Data Format (06h)” on page 39.
-Added
“Transmitter Startup” on page 48.
-Integrated D1 Errata in
Section 16.2 on page 87 .
F2
Final Release 2
-Updated Ordering Information.
-Added
“Block-Mode U-Data D-to-E Buffer Transfers” on page 50.
F3
Final Release 3
-Updated Ordering Information.
F4
Final Release 4
-Updated Leaded/Lead-Free information in
“Ordering Information” on page 93.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com