Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 4Page - Cirrus Logic CS8420-CS Datasheet HTML 5Page - Cirrus Logic CS8420-CS Datasheet HTML 6Page - Cirrus Logic CS8420-CS Datasheet HTML 7Page - Cirrus Logic CS8420-CS Datasheet HTML 8Page - Cirrus Logic CS8420-CS Datasheet HTML 9Page - Cirrus Logic CS8420-CS Datasheet HTML 10Page - Cirrus Logic CS8420-CS Datasheet HTML 11Page - Cirrus Logic CS8420-CS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
8
DS245F4
CS8420
DIGITAL INPUT CHARACTERISTICS
DIGITAL INTERFACE SPECIFICATIONS
AGND = DGND = 0 V; all voltages with respect to 0 V.
TRANSMITTER CHARACTERISTICS
SWITCHING CHARACTERISTICS
Inputs: Logic 0 = 0 V, Logic 1 = VD+; CL = 20 pF.
5.
Cycle-to-cycle jitter using 32-96 kHz external PLL components.
6.
PLL is bypassed (RXD1:0 bits in the Clock Source Control register set to 10b), clock is input to the RMCK
pin.
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
-±10
±15
μA
Differential Input Voltage, RXP to RXN
VTH
200
-
-
mVpp
Parameters
Symbol
Min
Max
Units
High-Level Output Voltage (IOH = -3.2 mA), except TXP/TXN
VOH
(VD+) - 1.0
-
V
Low-Level Output Voltage (IOH = 3.2 mA), except TXP/TXN
VOL
-0.4
V
High-Level Output Voltage (IOH = -21 mA), TXP, TXN
(VD+) - 0.7
-
V
Low-Level Output Voltage (IOH = 21 mA), TXP, TXN
-
0.7
V
High-Level Input Voltage, except RXP, RXN
VIH
2.0
(VD+) + 0.3
V
Low-Level Input Voltage, except RXP, RXN
VIL
-0.3
0.8
V
Parameters
Symbol
Typ
Units
TXP Output Resistance
RTXP
25
Ω
TXN Output Resistance
RTXN
25
Ω
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
μs
OMCK Frequency for OMCK = 512 * Fso
4.096
-
55.3
MHz
OMCK Low and High Width for OMCK = 512 * Fso
8.2
-
-
ns
OMCK Frequency for OMCK = 384 * Fso
3.072
-
41.5
MHz
OMCK Low and High Width for OMCK = 384 * Fso
12.3
-
-
ns
OMCK Frequency for OMCK = 256 * Fso
2.048
-
27.7
MHz
OMCK Low and High Width for OMCK = 256 * Fso
16.4
-
-
ns
PLL Clock Recovery Sample Rate Range
8.0
-
108.0
kHz
RMCK output jitter
(Note 5)
-200
-
ps RMS
RMCK output duty cycle
40
50
60
%
RMCK Input Frequency
(Note 6)
2.048
-
27.7
MHz
RMCK Input Low and High Width
(Note 6)
16.4
-
-
ns
AES3 Transmitter Output Jitter
-
-
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com