Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 34Page - Cirrus Logic CS8420-CS Datasheet HTML 35Page - Cirrus Logic CS8420-CS Datasheet HTML 36Page - Cirrus Logic CS8420-CS Datasheet HTML 37Page - Cirrus Logic CS8420-CS Datasheet HTML 38Page - Cirrus Logic CS8420-CS Datasheet HTML 39Page - Cirrus Logic CS8420-CS Datasheet HTML 40Page - Cirrus Logic CS8420-CS Datasheet HTML 41Page - Cirrus Logic CS8420-CS Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
38
DS245F4
CS8420
10.6
Serial Audio Input Port Data Format (05h)
SIMS
Master/Slave Mode Selector
0 - Serial audio input port is in Slave mode (default)
1 - Serial audio input port is in Master mode
SISF
ISCLK frequency (for Master mode)
0 - 64*Fsi (default)
1 - 128*Fsi
SIRES[1:0]
Resolution of the input data, for right-justified formats
00 - 24 bit resolution (default)
01 - 20 bit resolution
10 - 16 bit resolution
11 - Reserved
SIJUST
Justification of SDIN data relative to ILRCK
0 - Left-Justified (default)
1 - Right-Justified
SIDEL
Delay of SDIN data relative to ILRCK, for left-justified data formats
0 - MSB of SDIN data occurs in the first ISCLK period after the ILRCK edge (default)
1 - MSB of SDIN data occurs in the second ISCLK period after the ILRCK edge
SISPOL
ISCLK clock polarity
0 - SDIN sampled on rising edges of ISCLK (default)
1 - SDIN sampled on falling edges of ISCLK
SILRPOL
ILRCK clock polarity
0 - SDIN data is for the left channel when ILRCK is high (default)
1 - SDIN data is for the right channel when ILRCK is high
7
6
5
4
32
10
SIMS
SISF
SIRES1
SIRES0
SIJUST
SIDEL
SISPOL
SILRPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com