Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 3Page - Cirrus Logic CS8420-CS Datasheet HTML 4Page - Cirrus Logic CS8420-CS Datasheet HTML 5Page - Cirrus Logic CS8420-CS Datasheet HTML 6Page - Cirrus Logic CS8420-CS Datasheet HTML 7Page - Cirrus Logic CS8420-CS Datasheet HTML 8Page - Cirrus Logic CS8420-CS Datasheet HTML 9Page - Cirrus Logic CS8420-CS Datasheet HTML 10Page - Cirrus Logic CS8420-CS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
DS245F4
7
CS8420
PERFORMANCE SPECIFICATIONS
DIGITAL FILTER CHARACTERISTICS
2.
See “AES3 Transmitter and Receiver” on page 28.
DC ELECTRICAL SPECIFICATIONS
AGND = DGND = 0 V; all voltages with respect to 0 V.
3.
Power Down Mode is defined as RST = LO with all clocks and data lines held static.
4.
Normal operation is defined as RST = HI.
Parameter*
Symbol
Min
Typ
Max
Units
Dynamic Range
120
128
-
dB
Input Sample Rate
(serial input port)
Fsi
8
-
108
kHz
Output Sample Rate
Fso
8
-
108
kHz
Output to Input Sample Rate Ratio
0.33
-
3
Total Harmonic Distortion + Noise
1 kHz, -1 dBFS, 0.33 < Fso/Fsi < 1.7
1 kHz, -1 dBFS, 0.33 < Fso/Fsi < 3
10 kHz, -1 dBFS, 0.33 < Fso/Fsi < 1.7
10 kHz, -1 dBFS, 0.33 < Fso/Fsi < 3
THD+N
-
-
-
-
-
-
-
-
-117
-112
-110
-107
dB
dB
dB
dB
Peak idle channel noise component
-
-
-140
dBFS
Resolution
16
-
24
bits
Gain Error
-0.12
-
0
dB
Parameter*
Symbol
Min
Typ
Max
Units
Passband
Upsampling
Downsampling
0
0
-
-
0.4535*Fsi
0.4535*Fso
Hz
Hz
Passband Ripple
-
-
±0.007
dB
Stopband (Downsampling)
0.5465*Fso
-
Fsi/2
Hz
Stopband Attenuation
110
-
-
dB
Group Delay
(Note 2)
tgd
-
-
1.75
ms
Group Delay Variation vs. Frequency
Δtgd
--
0.0
μs
Interchannel Phase Deviation
-
-
0.0
°
Parameters
Symbol
Min
Typ
Max
Units
Power Down Mode (Note 3)
Supply Current in power down
VA+
VD+
-
-
20
20
-
-
μA
μA
Normal Operation (Note 4)
Supply Current at 48 kHz Fso and Fsi
VA+
VD+
-
-
3.7
66
-
-
mA
mA
Supply Current at 96 kHz Fso and Fsi
VA+
VD+
-
-
7.0
125
-
-
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com