Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 10Page - Cirrus Logic CS8420-CS Datasheet HTML 11Page - Cirrus Logic CS8420-CS Datasheet HTML 12Page - Cirrus Logic CS8420-CS Datasheet HTML 13Page - Cirrus Logic CS8420-CS Datasheet HTML 14Page - Cirrus Logic CS8420-CS Datasheet HTML 15Page - Cirrus Logic CS8420-CS Datasheet HTML 16Page - Cirrus Logic CS8420-CS Datasheet HTML 17Page - Cirrus Logic CS8420-CS Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
14
DS245F4
CS8420
4.
DATA I/O FLOW AND CLOCKING OPTIONS
The CS8420 can be configured for nine connectivity alternatives, referred to as data flows. Each data flow has an
associated clocking set-up. Figure 6 shows the data flow switching, along with the control register bits which control
the switches. This drawing only shows the audio data paths for simplicity. Figure 7 shows the internal clock routing
and the associated control register bits. The clock routing constraints determine which data routing options are ac-
tually usable.
Serial
Audio
Input
AES3
Encoder
Serial
Audio
Output
Receiver
Sample
Rate
Converter
RXP
RXN
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
AES3
TXOFF
AESBP
SPD1-0
TXD1-0
SRCD
Figure 6. Software Mode Audio Data Flow Switching Options
SIMS
PLL
TXP
TXN
SDOUT
OSCLK
OLRCK
OMCK
RMCK
RXP
ILRCK
ISCLK
SDIN
MUX
MUX
MUX
SWCLK
UNLOCK
0
1
0
1
0
1
CHANNEL
STATUS
MEMORY
USER
BIT
MEMORY
TRANSMIT
AES3
SERIAL
AUDIO
OUTPUT
INC
RXD0
MUX
0
1
OUTC
SERIAL
AUDIO
INPUT
RXD1
MUX
0
1
÷
CLK[1:0]
÷
RMCKF
SAMPLE
RATE
CONVERTER
Figure 7. CS8420 Clock Routing
*Note: When SWCLK mode is enabled, signal input on OMCK is only output through RMCK and not
routed back through the RXD1 multiplexer; RMCK is not bi-directional in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com