Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CS Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8420-CS
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CS Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8420-CS Datasheet HTML 32Page - Cirrus Logic CS8420-CS Datasheet HTML 33Page - Cirrus Logic CS8420-CS Datasheet HTML 34Page - Cirrus Logic CS8420-CS Datasheet HTML 35Page - Cirrus Logic CS8420-CS Datasheet HTML 36Page - Cirrus Logic CS8420-CS Datasheet HTML 37Page - Cirrus Logic CS8420-CS Datasheet HTML 38Page - Cirrus Logic CS8420-CS Datasheet HTML 39Page - Cirrus Logic CS8420-CS Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
36
DS245F4
CS8420
10.4
Data Flow Control (03h)
The Data Flow Control register configures the flow of audio data to/from the following blocks:
Serial Audio Input Port, Serial Audio Output Port, AES3 receiver, AES3 transmitter, and Sample
Rate Converter. In conjunction with the Clock Source Control register, multiple Receiver/Trans-
mitter/Transceiver modes may be selected. The output data should be muted prior to changing
bits in this register to avoid transients.
AMLL
Auto Mutes the SRC data sink when Receiver lock is lost, zero data is transmitted. The SRC
data sink may be either, or both, the Transmitter and the Serial Audio Output Port.
0 - Disables Auto Mute on loss of lock (default)
1 - Enables Auto Mute on loss of lock
TXOFF
AES3 Transmitter Output Driver Control
0 - AES3 transmitter output pin drivers normal operation (default)
1 - AES3 transmitter output pin drivers drive to 0 V.
AESBP
AES3 bypass mode selection
0 - normal operation
1 - Connect the AES3 transmitter driver input directly to the RXP pin, which become a normal
TTL threshold digital input.
TXD[1:0]
AES3 Transmitter Data Source
00 - SRC output (default)
01 - Serial audio input port
10 - AES3 receiver
11 - Reserved
SPD[1:0]
Serial Audio Output Port Data Source
00 - SRC output (default)
01 - Serial Audio Input Port
10 - AES3 receiver
11 - Reserved
SRCD
Input Data Source for SRC
0 - Serial Audio Input Port (default)
1 - AES3 Receiver
7
6
5
4
32
10
AMLL
TXOFF
AESBP
TXD1
TXD0
SPD1
SPD0
SRCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com