Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 14Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 15Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 16Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 19Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 20Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 21Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
1. ESD Series suggestion
Device Description
Data Rate
&Frequency
Rise time
Capacitance
USB 2.0 Data Port
480 M bps
0.5~0.6 nS
< 4pF
USB1.1 Data Port
12 M bps
4~20 nS
5~56pF
Wireless device
1.5 M bps
75~300 nS
5~56pF
RS232、IrDA1.0
115.2 K
1uS~8 uS
10~100pF
Audio (Microphone/Speaker)
20~20K Hz
0.05mS~50 mS 10~100pF
ESD series application field
■
Mobile phone
■
Digital Camera
■
PDA
■
Notebook
■
MP3 player
■
I/O Port, Keypad for portable
■
LCD Module
■
HUB
■
Telecom
■
Wireless LAN
■
Keyboard
2. ML/CH series application field
■
Telecommunication
■
Security systems
■
Alarm systems
■
Medical device and equipment
■
Lighting
■
AC line protection
■
Automotive system
■
Controller
■
Sensor
■
Data Systems
■
Power supplier
■
IC, Semiconductor
■
more application please contact SFI
SMD Transient Voltage Suppressors
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com