Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 13Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 14Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 15Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 16Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Electro Static discharge (ESD) is the transients as short duration excursion. Our ESD products are based on
Multilayer fabrication technology design to suppress ESD events. Our products meets IEC61000-4-2 standard for
Electromagnetic Compliance testing. We supply extra low capacitance and protect integrated circuits protection
Feature
Specification (for 0402 and 0603 size) XXXX=0402 or 0603
1 The MAX Working Voltage is suited for under 24 V including 3.3V、5V、8V、12V。
2.This Clamping Voltage at which the device stabilized during the transition from high to low impedance 8/20μs waveform current 1A
3. All capacitance test under 1MHz, tolerance at +-30%(N) exception under 5pF for +80% -20%。
4. The Leakage current was measured at working voltage 5. The Insulation Resistor was measured at working voltage
Part No,
Working
Voltage
Clamping
Voltage
Leakage
Current
Capacitance
Volume
Insulation
Resistance
(Unit)
VDC (max)
Vclamp(max)
uA(max) pF
Ohm(Min)
SFIXXXX-050E101NP
5
30
0.1
100
50
SFIXXXX-050E820NP
5
34
0.1
82
50
SFIXXXX-050E560NP
5
34
0.1
56
50
SFIXXXX-050E330NP
5
34
0.1
33
50
SFIXXXX-050E220NP
5
34
0.1
22
50
SFIXXXX-050E100NP
5
34
0.1
10
50
SFIXXXX-050E050PP
5
34
0.1
5~9
50
SFIXXXX-120E101NP
12
34
0.1
100
120
SFIXXXX-120E820NP
12
34
0.1
82
120
SFIXXXX-120E560NP
12
40
0.1
56
120
SFIXXXX-120E330NP
12
40
0.1
33
120
SFIXXXX-120E220NP
12
40
0.1
22
120
SFIXXXX-120E100NP
12
60
0.1
10
120
SFIXXXX-120E050PP
12
80
0.1
4 ~9
120
SFIXXXX-240E2R5PP
24
198
0.1
2~4
120
SMD Transient Voltage Suppressors
ESD Solutions suppressor series
■
Fast Response < 0.5nS
■
Low Working Voltage 3.3V
■
Low Capacitance 2.5pF
■
Low Leakage Current < 0.1 uA
■
Low Clamping Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com