Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  08CH220L Datasheet HTML 1Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 2Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 3Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 4Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Major Additions and Improvements
Multilayer Surface Mount Transient Voltage
Suppressors (TVS) are manufactured from
semiconducting ceramics by the highly
advanced multilayer formation technologies,
which can offer rugged protection, excellent
transient energy absorption and internal heat
dissipation. The devices are leadless chip
form, eliminating lead inductance and gua-
ranteeing a faster speed of response time of
less than 0.5ns, which makes them fast
enough to ensure reliable protection against
ESD pulse and other specific transient events.
These transient suppression devices are
significantly smaller footprints and lower
profiles than traditional zener diodes or radial
MOVs,
Material:
1. Body material: ZnO
2. Termination: electrode termination is
Ag/Ni/Sn
SMD Transient Voltage Suppressors
Transient Voltage Suppressor
multilayer formation technologies
Section of the chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com