Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 2Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 3Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 4Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Feature
◎
Full range from 0402 to 3220 series
◎
Working Voltage from 2.5 to 300 VRMS; 3.3 to 385 Vdc
◎
High surge current ability
◎
Bidirectional clamping, high energy
◎
Fast response time
◎
Suitable for ESD Protection
◎
Low capacitance design (2.5pf) for fast data transmission
◎
Array type design
◎
Very low leakage current
◎
Good solderability
1. MLC Series: Mulilayer surface mount for wide range applications
2. MLA Series Mulilayer surface mount design for high energy and surge application
3. CH Series
Mulilayer surface mount design for high voltage suppressor,
the working voltage could be up to 385Vdc
4. ESD Series Low capacitance design for high data transmission
5. Array Series
6. MOV Series Disc type design
Type
L
mm
W
Mm
D
mm
E
mm
0402
1.0
± 0.10
0.5
± 0.10
0.6 max
0.25+0.1/-0.1
0603
1.6
± 0.15
0.8
± 0.15
0.9 max
0.3+0.1/-0.1
0805
2.0
± 0.20
1.25
± 0.15
1.0 max
0.3+0.1/-0.1
1206
3.2
± 0.20
1.6
± 0.15
1.2 max.
0.5 +0.2/-0.2
1210
3.2
± 0.20
2.5
± 0.20
1.5 max.
0.5 +0.2/-0.2
1812
4.5
± 0.20
3.2
± 0.20
2.0 max.
0.5 +0.3/-0.1
2220
5.7
± 0.20
5.0
± 0.20
2.5 max.
0.5 +0.3/-0.1
SMD Transient Voltage Suppressors
The Introduction of Mutilayer Surface Varistor
W
L
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com