Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 13Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 14Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SFI Model
Number
Working
Voltage
(MAX)
Breakdown
Voltage
Peak
Current
(MAX)
Clamping
Voltage
(MAX)
Energy
Absorption
(MAX)
Typical
Capacitance
※
Unit
Condition
AC
(
VRMS)
DC
(
V)
1mA
(V)
8/20µs
(A)
(A)
(V)
10/1000µs
(J)
1KHz
(pF)
SFI1812ML120C
SFI1812ML150C
SFI1812ML180C
SFI1812ML240C
SFI1812ML270C
SFI1812ML330C
SFI1812ML390C
SFI1812ML470C
SFI1812ML560C
SFI1812ML680C
SFI1812ML820C
6
8
11
14
17
20
25
30
35
40
50
9
11
14
18
22
26
30
38
45
56
65
12(10.2~13.8)
15(12.75~17.25)
18(15.3~20.7)
24(21.6~26.4)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
68(61.2~74.8)
82(73.8~90.2)
500
500
500
500
500
500
500
500
500
500
400
5
5
5
5
5
5
5
5
5
5
5
20
25
30
38
44
54
65
77
90
110
135
0.9
1.2
1.4
1.7
2.0
2.5
2.9
3.5
4.2
4.8
4.5
9150
7320
6100
3930
3500
2900
2500
2200
1950
1650
1060
SFI2220ML120C
SFI2220ML150C
SFI2220ML180C
SFI2220ML240C
SFI2220ML270C
SFI2220ML330C
SFI2220ML390C
SFI2220ML470C
SFI2220ML560C
SFI2220ML680C
SFI2220ML820C
6
8
11
14
17
20
25
30
35
40
50
9
11
14
18
22
26
30
38
45
56
65
12(10.2~13.8)
15(12.75~17.25)
18(15.3~20.7)
24(21.6~26.4)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
68(61.2~74.8)
82(73.8~90.2)
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
800
10
10
10
10
10
10
10
10
10
10
10
20
25
30
38
44
54
65
77
90
110
135
1.9
2.3
2.7
3.1
3.8
4.3
5.5
6.3
7.7
8.8
5.6
36500
18400
15300
11800
10400
8900
7500
4600
4000
3500
2850
SMD Transient Voltage Suppressors
Surface Mount Multi layer C Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com