Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SFI Model
Number
Working
Voltage
(MAX)
Breakdown
Voltage
Peak
Current
(MAX)
Clamping
Voltage
(MAX)
Energy
Absorption
(MAX)
Typical
Capacitance
※
Unit
Condition
AC
(
VRMS)
DC
(
V)
1mA
(V)
8/20µs
(A)
(A)
(V)
10/1000µs
(J)
1KHz
(pF)
SFI0402ML050C
SFI0402ML080C
SFI0402ML120C
SFI0402ML150C
SFI0402ML180C
SFI0402ML220C
SFI0402ML240C
SFI0402ML270C
SFI0402ML330C
SFI0402ML390C
2.5
4
6
8
11
12
14
17
20
25
3.3
5.5
9
11
14
16.5
18
22
26
30
5(4.0~6.0)
8(6.4~9.6)
12(10.2~13.8)
15(12.75~17.25)
18(15.3~20.7)
22(19.8~24.2)
24(21.6~26.4)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
12
18
20
25
30
36
40
45
54
65
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
390
295
190
160
135
105
93
75
54
45
SFI0603ML050C
SFI0603ML080C
SFI0603ML120C
SFI0603ML150C
SFI0603ML180C
SFI0603ML240C
SFI0603ML270C
SFI0603ML330C
SFI0603ML390C
SFI0603ML470C
SFI0603ML560C
2.5
4
6
8
11
14
17
20
25
30
35
3.3
5.5
9
11
14
18
22
26
30
38
45
5(4.0~6.0)
8(6.4~9.6)
12(10.2~13.8)
15(12.75~17.25)
18(15.3~20.7)
24(21.6~26.4)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
30
30
30
30
30
30
30
30
30
30
30
1
1
1
1
1
1
1
1
1
1
1
12
18
20
25
30
39
44
54
65
77
90
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1250
800
680
460
350
270
235
200
120
100
80
SFI0805ML080C
SFI0805ML120C
SFI0805ML150C
SFI0805ML180C
SFI0805ML240C
SFI0805ML270C
SFI0805ML330C
SFI0805ML390C
SFI0805ML470C
SFI0805ML560C
4
6
8
11
14
17
20
25
30
35
5.5
9
11
14
18
22
26
30
38
45
8(6.4~9.6)
12(10.2~13.8)
15(12.75~17.25)
18(15.3~20.7)
24(21.6~26.4)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
80
80
100
100
100
100
100
100
100
80
1
1
1
1
1
1
1
1
1
1
18
20
25
30
39
44
54
65
77
90
0.1
0.1
0.1
0.1
0.2
0.2
0.3
0.3
0.3
0.3
1600
1180
1050
750
550
400
350
310
280
195
SMD Transient Voltage Suppressors
Surface Mount Multi layer C Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com