Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 19Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 20Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 21Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 22Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 23Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 24Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Soldering Recommendations:
Material
Sn/Ag/Cu 96/3.5/0.5 or equivalent
Temperature
260℃, 3 seconds max
Flux
Non Activated.
Recommended soldering temperature profile
1. Reflow Solder Profile
SMD Transient Voltage Suppressors
Recommendation for Soldering
(
a)Preheat
1.The temperature rising speed is suggested
to be 2℃/sec(max).
2.Appropriate preheat time will be from 60 to
120 seconds.
(
b)Heating
1.Careful about sudden rise in temperature as
it may worsen the solder ability.
2.Set the peak temperature in the range from
240℃ to 245℃.
(
c)Cooling
1.Careful about slow cooling as it may cause
the position shift of component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com