Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 3Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 4Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1. ML Series
SFI 1206 ML 240 C
Series Code
A = Operating voltage from
8.0VRMS(11.0VDC)to 35.0VRMS(45.0VDC),
High surge absorption, low clamping voltage.
C = Operating voltage from
2.5VRMS(3.3VDC)to 95.0VRMS(127.0VDC),
Wide range application.
Varistor Voltage
Where: 240 = 24 × 100 V = 24 V
241 = 24 × 101 V = 240 V
Application Code
ML = Multilayer SMD Varistor
Size 0402; 0603; 0805; 1206; 1210; 1812; 2220
SMD Transient Voltage Suppressors
ML Series Part Number Identification
2. ESD Series Part Number Identification
SFI 0402 – 050 E 220 N P
Cap. Value:
Where 220 =22 ×10
0 = 22(pF)
Where 2R5 = 2.5 ×10
0 = 2.5(pF)
Size :
Unit mm
Model
0402
Series
0603
Series
Length(L)
1.0 ±0.15
1.60 ±0.15
Width(W)
0.50 ±0.15
0.80 ±0.15
Thickness(T)
0.6 Max
0.9 Max
Termination(a)
0.25 ±0.1
0.3 ±0.1
Company Logo
Series:
ESD Protect Solution
Package:
Mark
Type
P
Taping
C
normal
MAX
Working Voltage:
Mark
Voltage
050
5V
120
12V
240
24V
Cap. Tolerance:
Mark
Range
N
±30%
P
+80%-20%
Exception under 5PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com