Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 19Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 20Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 21Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 22Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 23Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 24Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Recommended Soldering Condition 1
(
1) Solder :
0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core.
Rosin-based and non-activated flux is recommended.
(
2) Preheating
The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of
soldering iron is 150℃ or below.
(
3)Soldering Iron
Rated Power of 20w max with 3mm soldering tip in diameter.
Temperature of soldering iron tip 300℃ max ( The required amount of solder shall be melted in advance
on the soldering tip.)
(
4)Cooling :After soldering. The Varistors shall be cooled gradually at room ambient temperature.
The IR reflow and temperature of Soldering for normal
☆
IR reflow Process suggestion profile
(1) Soldering recommend is Sn 63: Pb 37
(2) Ramp-up rate (183℃ to Peak) + 3℃/second max
(3) Temp. maintain at 125 +/-25℃ 120 seconds max
(4) Temp. maintain above 183 ℃ 60-150 seconds
(5) Peak temperature range
225℃ +/-10 ℃( 215℃~235℃) time within 5 ℃ of actually peak temperature (tp)
10-20 seconds
(6) Ramp down rate +6 ℃/second max.
* Recommended Soldering Condition 1
(
1) Solder :
0.12~0.18mm Thread solder
(Sn63:pb 37) with soldering flux in the core. Rosin-based and
non-activated flux is recommended.
(
2) Preheating
The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of
soldering iron is 150℃ or below.
(
3)Soldering Iron
Rated Power of 20w max with 3mm soldering tip in diameter.
Temperature of soldering iron tip 300℃ max ( The required amount of solder shall be melted in advance
on the soldering tip.)
(
4)Cooling
After soldering. The Varistors shall be cooled gradually at room ambient temperature.
Peak temp. 225℃
※
Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of
the manufacturing process, and the specification of the reflow furnace.
SMD Transient Voltage Suppressors
Recommendation for Soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com