Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  08CH220L Datasheet HTML 1Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 2Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 3Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 4Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
When selecting the TVS for designing within the circuit, some characteristic parameter should
be considered carefully to meet the circuit condition. The following guideline are recommended.
1. The surge handling ability of the selected TVS should meet the need of dissipating the
expected transient surge current of the protected circuit.
2. The clamping voltage of the selected TVS should be less than the maximum allowed
operating voltage of the protected circuit.
3. In high speed data transmission situation. the capacitance of the selected TVS should be
considered.
4. The special requests of the TVS’s capacitance such as ESD prevention are available, please
contact with us.
5. While choosing the TVS, the working voltage of the TVS should be greater than or equal to
the normal operating voltage of the circuit.
6. Protection Principle : When the voltage increase above the threshold of the varistor, the suppressor
draws a rapidly increasing current. The the overvoltage is considerably attenuated.
Transient
Vc
Clamping
Transient voltage
Transient Current
Protected
SMD Transient Voltage Suppressors
Information for Designer
Overvoltage
Clamping Voltage Level
System Rated Voltage
System Max. allowed
operating voltage
System
to be
Protected
INPUT
OUTPUT
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com