Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 4Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SFI Model
Number
Working
Voltage
(MAX)
Breakdown
Voltage
Peak
Current
(MAX)
Clamping
Voltage
(MAX)
Energy
Absorption
(MAX)
Typical
Capacitance
※
Unit
Condition
AC
(
VRMS)
DC
(
V)
1mA
(V)
8/20µs
(A)
(A)
(V)
10/1000
(J)
1KHz
(pF)
SFI1206ML180A
SFI1206ML240A
SFI1206ML270A
SFI1206ML330A
SFI1206ML390A
SFI1206ML470A
SFI1206ML560A
11.0
14.0
17.0
20.0
25.0
30.0
35.0
14.0
18.0
22.0
26.0
30.0
38.0
45.0
18(15.3~20.7)
24(21.6~27)
27(24.3~29.8)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
200
200
200
200
200
200
200
1
1
1
1
1
1
1
30
39
44
54
65
77
90
0.5
0.5
0.6
0.7
1.0
1.1
0.8
1500
1160
1080
680
620
550
400
SFI1210ML150A
SFI1210ML180A
SFI1210ML240A
SFI1210ML270A
SFI1210ML330A
SFI1210ML390A
SFI1210ML470A
SFI1210ML560A
8.0
11.0
14.0
17.0
20.0
25.0
30.0
35.0
11.0
14.0
18.0
22.0
26.0
30.0
38.0
45.0
15(12.75~17.25)
18(15.3~20.7)
24(21.6~27)
27(24.3~29.8)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
400
400
400
400
400
400
400
400
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
25
30
39
44
54
65
77
90
1.0
1.2
1.4
1.7
1.9
1.7
2.0
2.0
4050
3860
2380
2100
1400
1180
1000
660
SFI1812ML180A
SFI1812ML240A
SFI1812ML270A
SFI1812ML330A
SFI1812ML390A
SFI1812ML470A
SFI1812ML560A
11.0
14.0
17.0
20.0
25.0
30.0
35.0
14.0
18.0
22.0
26.0
30.0
38.0
45.0
18(15.3~20.7)
24(21.6~27)
27(24.3~29.8)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
800
800
800
800
800
800
800
5
5
5
5
5
5
5
30
38
44
54
65
77
90
1.9
2.3
2.7
3.0
3.7
4.2
4.2
7030
4650
4150
3400
2950
2550
2400
SFI2220ML180A
SFI2220ML240A
SFI2220ML270A
SFI2220ML330A
SFI2220ML390A
SFI2220ML470A
11
14
17
20
25
30
14
18
22
26
30
38
18(15.3~20.7)
24(21.6~27)
27(24.3~29.8)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
1200
1200
1200
1200
1200
1200
10
10
10
10
10
10
30
39
44
54
65
77
5.4
5.8
7.2
7.8
9.6
12.0
17000
13600
12000
10500
8900
5700
SMD Transient Voltage Suppressors
High surge protection varistor A-series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com