Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 13Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 14Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 15Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MODEL
NUMBER
MAXIMUM RATING(TA=125℃)
CHARACTERISTICS(TA=25℃)
SFI Model
Number
MAX.
ALLOWABLE
VOLTAGE
SURGE
CURRENT
ENERGY
ABSORPTION
(10/1000µs)
MAX.
CLAMPING
VOLTAGE
VARISTOR
VOLTAGE
TYPICAL
CAPACITANCE
Thickness
T
± 1
AC(VRMS)
DC(V)
8/20µs(A)
(J)
(A)
(V)
(V)
pF(KHz)
(mm)
08CH180L
08CH220L
08CH270L
08CH330L
11
14
17
20
14
18
22
26
250
250
250
250
0.8
0.8
1.0
1.2
5
5
5
5
40
46
56
67
18(15.3~20.7)
22(18.7~25.3)
27(22.95~31.05)
33(28.05~37.95)
3300
1750
1500
1200
1.5
1.5
1.5
1.5
08CH390K
08CH470K
08CH560K
08CH680K
25
30
35
40
31
38
45
56
250
250
250
250
1.4
1.8
2.3
3.0
5
5
5
5
76
90
106
124
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
68(61.2~74.8)
820
660
530
360
1.5
1.5
2.0
2.0
08CH820K
08CH101K
08CH121K
08CH151K
50
65
75
95
65
85
102
127
500
500
500
500
4.0
5.0
6.0
8.0
10
10
10
10
135
165
198
248
82(74~90)
100(90~110)
120(108~132)
150(135~165)
250
225
200
150
1.5
1.5
1.5
1.5
08CH181K
08CH201K
08CH221K
08CH241K
115
130
140
150
153
175
180
200
500
500
500
500
12.0
13.0
14.0
15.0
10
10
10
10
292
340
356
390
180(162~198)
200(180~220)
220(198~242)
240(216~264)
110
100 *
94 *
86 *
1.5
1.5
1.5
1.5
08CH271K
08CH301K
08CH331K
175
190
210
225
250
275
500
500
500
16.0
17.0
18.0
10
10
10
450
495
545
270(243-297)
300(270~330)
330(297~363)
76 *
64 *
52 *
1.5
1.5
1.5
08CH361K
08CH391K
08CH431K
08CH471K
230
250
275
300
300
330
369
385
500
500
450
400
19.0
20.0
19.0
18.0
10
10
10
10
593
647
705
775
360(324~396)
390(351~429)
430(387~473)
470(423-517)
45 *
42 *
39 *
35 *
2.0
2.0
2.0
2.0
CH Series is the high voltage protection for use in hybrid circuit application in Industrial or power supply equipment
utilizing surface mount devices. These devices have significantly lower profiles than radial lead varistor. Protection for
14Vdc to 460Vdc and more higher voltage protection.
Type
Length
Width
Electrode
08CH (mm)
8.1
± 0.30
5.0
± 0.30
0.8+0.5/-0.1
3220 (inch
0.315
± 0.012
0.196
± 0.012
0.0315+0.02/-0.004
SMD Transient Voltage Suppressors
The Introductions of High Voltage Varistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com