Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08CH220L Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 13Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 14Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 15Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 16Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 17Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
*
1 The Breakage Voltage was measured at 1mA DC, tolerance ±30%.
*
2 The Clamping Voltage was measured at 8/20μs wareform, 1A current.
*
3 The Leakage Current was measured at working voltage.
*
4 The Insulation Resistance was measured at working voltage.
*
5 The Capacitance was measured at 1M Hz, tolerance ±30%.
*
6 Special specification requirement are available upon request, please contact sales for further request.
SMD Transient Voltage Suppressors
Array Solutions suppressor series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com