Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 52 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 48Page - STMicroelectronics M69KB128AA Datasheet HTML 49Page - STMicroelectronics M69KB128AA Datasheet HTML 50Page - STMicroelectronics M69KB128AA Datasheet HTML 51Page - STMicroelectronics M69KB128AA Datasheet HTML 52Page - STMicroelectronics M69KB128AA Datasheet HTML 53Page - STMicroelectronics M69KB128AA Datasheet HTML 54Page - STMicroelectronics M69KB128AA Datasheet HTML 55Page - STMicroelectronics M69KB128AA Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
9 DC and AC parameters
M69KB128AA
52/68
Table 20.
Clock Related AC Timings
Table 21.
Synchronous Burst Read AC Characteristics
Symbol
Alt.
Parameter
M69KB128AA
Unit
104MHz
80MHz
66MHz
Min
Max
Min
Max
Min
Max
fCLk
fCLk
Clock frequency
104
80
66
MHz
tKHKH
tCLK
Clock Period
9.62
12.5
15
ns
tR
tF
tKHKL
Clock Rise Time
Clock Fall Time
1.6
1.8
2.0
ns
tKHKL
tKLKH
tKP
Clock High to Clock Low
Clock Low to Clock High
34
5
ns
tKHDZ
tKHZ
Clock High to Output Hi-Z
3
8
3
8
3
8
ns
tKHDX
tKLZ
Clock High to Output Transition
2
5
2
5
2
5
ns
Symbol
Alt.
Parameter(1)
M69KB128AA
Unit
104MHz
80MHz
66MHz
Min
Max
Min
Max
Min
Max
tAVQV
tAA
Address Valid to Output Valid (Fixed Latency)
70
70
85
ns
tLLQV
tAADV
Latch Enable Low to Output Valid (Fixed
Latency)
70
70
85
ns
tKHQV1
tABA
Burst to Read Access Time (Variable
Latency)
35
46
55
ns
tKHQV2
tACLK Clock High to Output Delay
7
9
11
ns
tGLQV
tBOE
Delay From Output Enable Low to Output
Valid in Burst mode
20
20
20
ns
tEHEL
(2)
tCBPH
Chip Enable High between Subsequent
Operations in Full-Synchronous or NOR-
Flash mode.
56
8
ns
tELEH
(2)
tCEM Chip Enable Pulse Width
4
4
4
µs
tELTV
tLLTV
tCEW
Chip Enable Low to WAIT Valid
Latch Enable Low to WAIT Valid
1
7.5
1
7.5
1
7.5
ns
tELQV
tCO
Chip Enable Low to Output Valid
70
70
85
ns
tELKH
tCSP Chip Enable Low to Clock High
3
4
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com