Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 14 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 10Page - STMicroelectronics M69KB128AA Datasheet HTML 11Page - STMicroelectronics M69KB128AA Datasheet HTML 12Page - STMicroelectronics M69KB128AA Datasheet HTML 13Page - STMicroelectronics M69KB128AA Datasheet HTML 14Page - STMicroelectronics M69KB128AA Datasheet HTML 15Page - STMicroelectronics M69KB128AA Datasheet HTML 16Page - STMicroelectronics M69KB128AA Datasheet HTML 17Page - STMicroelectronics M69KB128AA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
4 Low-power modes
M69KB128AA
14/68
4.3
Partial Array Self Refresh
The Partial Array Self Refresh (PASR) performs a limited refresh of part of the PSRAM array.
This mechanism enables the device to reduce the Standby current by refreshing only the part of
the memory array that contains essential data. Different refresh options can be defined by
setting the RCR0 to RCR2 bits of the RCR:
●
Full array
●
One eighth of the array
●
One half of the array
●
One quarter of the array
●
None of the array.
These memory areas can be located either at the top or bottom of the memory array.
The WAIT signal is used for arbitration when a read/write operation is launched while an on-
chip refresh is in progress. If locations are addressed while they are undergoing refresh, the
WAIT signal will be asserted for additional clock cycles, until the refresh has completed (see
Figure 6: Refresh Collision during Synchronous Read Operation in Variable Latency mode).
When the refresh operation is completed, the read or write operation will be allowed to continue
normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com