Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 22 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 18Page - STMicroelectronics M69KB128AA Datasheet HTML 19Page - STMicroelectronics M69KB128AA Datasheet HTML 20Page - STMicroelectronics M69KB128AA Datasheet HTML 21Page - STMicroelectronics M69KB128AA Datasheet HTML 22Page - STMicroelectronics M69KB128AA Datasheet HTML 23Page - STMicroelectronics M69KB128AA Datasheet HTML 24Page - STMicroelectronics M69KB128AA Datasheet HTML 25Page - STMicroelectronics M69KB128AA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
6 Synchronous operating modes
M69KB128AA
22/68
Table 4.
Operating Frequency versus Latency
Table 5.
Asynchronous Write Operations (NOR-Flash Synchronous mode)
Latency
Mode
Configured
Latency
(Clock Cycles)
Latency
(Clock Cycles)
Max Input Clock Frequency (MHz)
Normal
If
Refresh
Collision
104 MHz
80 MHz
66 MHz
Variable
Latency
BCR14 = 0
(Default)
2 (3 clock cycles)
3
5
66
52
40
3 (4 clock cycles)
(default)
47
104
80
66
All Others
-
-
-
-
-
Fixed
Latency
BCR14 = 1
2 (3 clock cycles)
3
33
33
20
3 (4 clock cycles)
(default)
452
52
33
4 (5 clock cycles)
5
66
66
40
5 (6 clock cycles)
6
75
75
52
6 (7 clock cycles)
7
104
80
66
All Others
-
-
-
-
Asynchronous
Operations
Power
K
L
E
W
G
UB,
LB
WAIT CR A19 A18 A0-A22 DQ0-DQ15
Word Write
Active (ICC)
VIL
VIL
VIL VIL
X
VIL
Low-
Z
VIL
Valid
Input Valid
Program
Configuration
Register (CR
Controlled)(1)
1.
BCR and RCR only.
VIL
VIL VIL VIH
X
VIH
00(RCR)
10(BCR)
RCR/
BCR
Data
High-Z
No Operation
Active (ICC)VIH
XX
X
X
VIL
XX
Standby
Standby
(IPASR)
X
VIH
XX
X
High-
Z
VIL
XHigh-Z
Deep
Power-Down
Deep
Power-Down
(ICCPD)
X
VIH
XX
X
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com