Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 37 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 33Page - STMicroelectronics M69KB128AA Datasheet HTML 34Page - STMicroelectronics M69KB128AA Datasheet HTML 35Page - STMicroelectronics M69KB128AA Datasheet HTML 36Page - STMicroelectronics M69KB128AA Datasheet HTML 37Page - STMicroelectronics M69KB128AA Datasheet HTML 38Page - STMicroelectronics M69KB128AA Datasheet HTML 39Page - STMicroelectronics M69KB128AA Datasheet HTML 40Page - STMicroelectronics M69KB128AA Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
M69KB128AA
7 Configuration registers
37/68
7.5
Device ID Register
The Device ID Register (DIDR) is a read-only register that contains the Manufacturer code. It is
preprogrammed by STMicroelectronics and cannot be modified by the user.
Refer to Table 12 for the description of the Bus Configuration Register Bits.
Table 12.
Device ID Register Definition
Address
Bits
Device ID
Register Bits
Name
Value
Description
A15
DIDR15
Row Size
0
128 Words
A14-A11
DIDR14-DIDR11
Design Version
0000
A
0001
B
0010
C
0011
D
1111
P
Other Configurations Reserved
A10-A8
DIDR10-DIDR8
Device Density
000
16 Mbits
001
256 Mbits
010
64 Mbits
011
128 Mbits
100
32 Mbits
Other Configurations Reserved
A7-A5
DIDR7-DIDR5
PSRAM Generation
001
1.0
010
1.5
011
2.0
Other Configurations Reserved
A4-A0
DIDR4-DIDR0
Device ID
00001
Cypress
00010
Infineon
00011
Micron
00100
Renesas
01111
STMicroelectronics
Other Configurations Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com