Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 41 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 37Page - STMicroelectronics M69KB128AA Datasheet HTML 38Page - STMicroelectronics M69KB128AA Datasheet HTML 39Page - STMicroelectronics M69KB128AA Datasheet HTML 40Page - STMicroelectronics M69KB128AA Datasheet HTML 41Page - STMicroelectronics M69KB128AA Datasheet HTML 42Page - STMicroelectronics M69KB128AA Datasheet HTML 43Page - STMicroelectronics M69KB128AA Datasheet HTML 44Page - STMicroelectronics M69KB128AA Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
M69KB128AA
9 DC and AC parameters
41/68
Table 16.
DC Characteristics
Symbol
Parameter
Refreshed
Array
Test Conditions
Min.
Typ.
Max.
Unit
VOH
(1)
1.
BCR5-BCR4 = 01 (default settings).
Output High Voltage
IOH = –0.2mA
0.8VCCQ
V
VOL
(1)
Output Low Voltage
IOL = 0.2mA
0.2VCCQ
V
VIH
(2)
2.
Input signals may overshoot to VCCQ+ 1.0V for periods of less than 2ns during transitions.
Input High Voltage
VCCQ–0.4
VCCQ +
0.2
V
VIL
(3)
3.
Output signals may undershoot to VSS – 1.0V for periods of less than 2ns during transitions.
Input Low Voltage
–0.2
0.4
V
ILI
Input Leakage Current
VIN = 0 to VCCQ
1µA
ILO
Output Leakage Current
G = VIH or E = VIH
1µA
ICC1
(4)
4.
This parameter is specified with all outputs disabled to avoid external loading effects. The user must add the current
required to drive output capacitance expected for the actual system.
Asynchronous Read/Write
Random at tRC min
VIN = 0V or VCCQ,
IOUT = 0mA, E = VIL
70ns
25
mA
85ns
22
mA
ICC2
(4)
Asynchronous Page Read
VIN = 0V or VCCQ
IOUT = 0mA, E = VIL
70ns
15
mA
85ns
12
mA
ICC3
(4)
Burst, Initial Read/Write
Access
VIN = 0V or VCCQ
IOUT = 0mA, E = VIL
104MHz
35
mA
80MHz
30
mA
66MHz
25
mA
ICC4R
(4)
Continuous Burst Read
VIN = 0V or VCCQ
IOUT = 0mA, E = VIL
104MHz
30
mA
80MHz
25
mA
66MHz
20
mA
ICC4W
(4) Continuous Burst Write
VIN = 0V or VCCQ
IOUT = 0mA, E = VIL
104MHz
35
mA
80MHz
30
mA
66MHz
25
mA
IPASR
(4)
Partial Array
Refresh Standby
Current
Full Array
VIN = 0V or VCCQ
E = VCCQ
200
µA
1/2 Array
170
µA
1/4 Array
155
µA
1/8 Array
150
µA
None
140
µA
ISB
(5)
5.
ISB maximum value is measured at +85°C with PAR set to Full Array. In order to achieve low standby current, all inputs
must be driven either to VCCQ or VSSQ. ISB might be slightly higher for up to 500ms after Power-up, or when entering
Standby mode.
Standby Current
VIN = 0V or VCCQ, E = VCCQ
200
µA
ICCPD
Deep-Power Down Current
VIN = 0V or VCCQ,
VCC, VCCQ = 1.95V; TA= +85°C
310
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com