Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 55 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 51Page - STMicroelectronics M69KB128AA Datasheet HTML 52Page - STMicroelectronics M69KB128AA Datasheet HTML 53Page - STMicroelectronics M69KB128AA Datasheet HTML 54Page - STMicroelectronics M69KB128AA Datasheet HTML 55Page - STMicroelectronics M69KB128AA Datasheet HTML 56Page - STMicroelectronics M69KB128AA Datasheet HTML 57Page - STMicroelectronics M69KB128AA Datasheet HTML 58Page - STMicroelectronics M69KB128AA Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
M69KB128AA
9 DC and AC parameters
55/68
Figure 25. Synchronous Burst Read Suspend and Resume AC Waveforms
1.
The latency Type (BCR14) can be set to fixed or variable during Burst Read Suspend operations.The Latency is set to 3
clock cycles (BCR13-BCR11 = 101). The WAIT signal is active Low (BCR10=0), and is asserted during delay (BCR8=0).
2.
During Burst Read Suspend operations, the Clock signal must be stable (High or Low).
3.
G can be held Low, VIL, during Burst Suspend operations. If so, data output remain valid.
DON'T CARE
DON'T CARE
Addr.
WAIT
D0-D15
K
tAVKH
tKHAX
tKHQX2
tEHQZ
tLLKH
tGLQX
tEHEL
tELKH
tWHKH
tKHWL
tBLKH
tGHQZ
tAVLH
tKHKL
Hi-Z
Valid
Output
Hi-Z
Hi-Z
AI11287d
E
G
W
LB/UB
tKHQV1
L
Valid
Output
Valid
Address
Valid
Address
tGLQV
tGHQZ
Valid
Output
Valid
Output
Valid
Output
Valid
Output
tKHLH
tGLQV
tKHTX
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com