Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 59 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 55Page - STMicroelectronics M69KB128AA Datasheet HTML 56Page - STMicroelectronics M69KB128AA Datasheet HTML 57Page - STMicroelectronics M69KB128AA Datasheet HTML 58Page - STMicroelectronics M69KB128AA Datasheet HTML 59Page - STMicroelectronics M69KB128AA Datasheet HTML 60Page - STMicroelectronics M69KB128AA Datasheet HTML 61Page - STMicroelectronics M69KB128AA Datasheet HTML 62Page - STMicroelectronics M69KB128AA Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
M69KB128AA
9 DC and AC parameters
59/68
Table 22.
Synchronous Burst Write AC Characteristics
Symbol
Alt.
Parameter(1)
1.
These timings have been obtained in the measurement conditions described in Table 14: Operating and AC Measurement
Conditions and Figure 13: AC Measurement Load Circuit.
M69KB128AA
Unit
104MHz
80MHz
66MHz
Min
Max
Min
Max
Min
Max
tAVWL
tLLWL
(2)
2.
tAVWL and tLLWL, are required if tELKH> 20ns.
tAS
Address Set-up to Beginning of Write
Operation
00
0
ns
tAVKH
tDVKH
tWLKH
tLLKH
tBLKH
tWHKH
tWHWL
tSP
Set-up Time to Active Clock Edge
3
3
3
ns
tEHEL
(3)
3.
A refresh opportunity must be offered every tELEH. A refresh opportunity is possible either if E is High during the rising edge
of K; or if E is High for longer than 15ns.
tCBPH
Chip Enable High between Subsequent
Operations in Full-Synchronous or
NOR-Flash mode.
56
8
ns
tELEH
(3)
tCEM
Maximum Chip Enable Low Pulse
4
4
4
µs
tELTV
tLLTV
tCEW Chip Enable Low to WAIT Valid
1
7.5
1
7.5
1
7.5
ns
tELKH
tCSP
Chip Enable Low to Clock High
3
4
5
ns
tKHAX
tKHRL
tKHLH
tKHDX
tKHEH
tKHBH
tKHWH
tHD
Hold Time From Active Clock Edge
2
2
2
ns
tKHLL
tKADV
Last Clock Rising Edge to Latch Enable
Low (Fixed Latency)
46
6
ns
tEHDZ
tEHTZ
(4)
4.
The Hi-Z timings measure a 100mV transition from either VOH or VOL to VCCQ/2.
tHZ
Chip Enable High to Input Hi-Z or WAIT
Hi-Z
88
8
ns
tKHTV
tKHTX
tKHTL Clock High to WAIT Valid or Low
7
9
11
ns
tLHAX
tAVH
Latch Enable High to Address Transition
(Fixed Latency)
22
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com