Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 25 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 21Page - STMicroelectronics M69KB128AA Datasheet HTML 22Page - STMicroelectronics M69KB128AA Datasheet HTML 23Page - STMicroelectronics M69KB128AA Datasheet HTML 24Page - STMicroelectronics M69KB128AA Datasheet HTML 25Page - STMicroelectronics M69KB128AA Datasheet HTML 26Page - STMicroelectronics M69KB128AA Datasheet HTML 27Page - STMicroelectronics M69KB128AA Datasheet HTML 28Page - STMicroelectronics M69KB128AA Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
M69KB128AA
6 Synchronous operating modes
25/68
Figure 3.
Latency Configuration (Variable Latency mode, no Refresh collision)
Figure 4.
Latency Configuration (Fixed Latency mode)
1.
See Table 21: Synchronous Burst Read AC Characteristics for details on the synchronous read AC Characteristics shown
in the above waveforms.
Addr.
DQ0-DQ15
K
Address
Valid
Q1
Hi Z
012345
Q4
Q3
Q2
Latency = 3 Clock Cycles
AI11280
ADV
Hi Z
Q1
Q3
Q2
Q5
Q4
67
Latency = 4 Clock Cycles
DQ0-DQ15
Addr.
DQ0-DQ15
OUT
K
Address
Valid
Q1
Hi Z
N-1
Cycle
N
Cycle
Q4
Q3
Q2
tAVQV
AI11281b
ADV
Q5
tLLQV
E
tELQV
tKHQV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com