Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 42 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 38Page - STMicroelectronics M69KB128AA Datasheet HTML 39Page - STMicroelectronics M69KB128AA Datasheet HTML 40Page - STMicroelectronics M69KB128AA Datasheet HTML 41Page - STMicroelectronics M69KB128AA Datasheet HTML 42Page - STMicroelectronics M69KB128AA Datasheet HTML 43Page - STMicroelectronics M69KB128AA Datasheet HTML 44Page - STMicroelectronics M69KB128AA Datasheet HTML 45Page - STMicroelectronics M69KB128AA Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
9 DC and AC parameters
M69KB128AA
42/68
Table 17.
Asynchronous Read AC Characteristics
Symbol
Alt.
Parameter(1)
1.
These timings have been obtained in the measurement conditions described in Table 14: Operating and AC Measurement
Conditions and Figure 13: AC Measurement Load Circuit.
M69KB128AA
Unit
70ns
85ns
Min
Max
Min
Max
tAVQV
tAA
Address Valid to Output Valid
70
85
ns
tAVLH
tRHLH
tAVS
Address Valid to L High
Configuration Register High to L High
55
ns
tBLQV
tBA
Upper/Lower Byte Enable Low to Output Valid
70
85
ns
tBHQZ
(2)
2.
The Hi-Z timings measure a 100mV transition from either VOH or VOL to VCCQ/2.
tBHZ
Upper/Lower Byte Enable High to Output Hi-Z
8
8
ns
tBLQX
(3)
3.
The Low-Z timings measure a 100mV transition from the Hi-Z (VCCQ/2) level to either VOH or VOL.
tBLZ
Upper/Lower Byte Enable Low to Output
Transition
10
10
ns
tELTV
tCEW
Chip Enable Low to WAIT Valid
1
7.5
1
7.5
ns
tELQV
tCO
Chip Enable Low to Output Valid
70
85
ns
tELLH
tCVS
Chip Enable Low to L High
7
7
ns
tEHEL
tCPH
Chip Enable High between Subsequent
Asynchronous Operations
55
ns
tEHQZ
(2)
tHZ
Output Enable High to Output Hi-Z
Chip Enable High to Output Hi-Z
88
ns
tELQX
(3)
tLZ
Chip Enable Low to Output Transition
10
10
ns
tGLQV
tOE
Output Enable Low to Output Valid
20
20
ns
tGHQZ
(2)
tOHZ
Output Enable Low to Output Hi-Z
8
8
ns
tGLQX
(3)
tOLZ
Output Enable Low to Output Transition
3
3
ns
tAVAX
tRC
Read Cycle Time
70
85
ns
tLLLH
tVP
Latch Enable Low Pulse Width
5
7
ns
tLHLL
tVPH
Latch Enable High Pulse Width
10
10
ns
tLLQV
tAADV
Latch Enable Low to Output Valid
70
85
ns
tLHAX
tLHRL
tAVH
Latch Enable High to Address Transition
Latch Enable High to Configuration Register
Low
22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com