Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 66 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 60Page - STMicroelectronics M69KB128AA Datasheet HTML 61Page - STMicroelectronics M69KB128AA Datasheet HTML 62Page - STMicroelectronics M69KB128AA Datasheet HTML 63Page - STMicroelectronics M69KB128AA Datasheet HTML 64Page - STMicroelectronics M69KB128AA Datasheet HTML 65Page - STMicroelectronics M69KB128AA Datasheet HTML 66Page - STMicroelectronics M69KB128AA Datasheet HTML 67Page - STMicroelectronics M69KB128AA Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
10 Part Numbering
M69KB128AA
66/68
10
Part Numbering
Table 24.
Ordering Information Scheme
The notation used for the device number is as shown in Table 24. Not all combinations are
necessarily available. For a list of available options (speed, package, etc.) or for further
information on any aspect of this device, please contact your nearest STMicroelectronics Sales
Office.
Example:
M69KB128AA
70 A W 8
Device Type
M69 = PSRAM
Mode
K = Bare Die
Operating Voltage
B = VCC = 1.7 to 1.95V, Burst, Address/Data bus standard x16
Array Organization
128 = 128 Mbit (8Mb x16)
Option 1
A = 1 Chip Enable
Silicon Revision
A = Revision A
Speed Class
70 = 70ns
85 = 85ns
Maximum Clock Frequency
A = 66MHz max clock frequency in burst Read mode
C = 80MHz max clock frequency in burst Read mode
D = 104MHz max clock frequency in burst Read mode
Package
W = Unsawn Wafer
Operating Temperature
8 = –30 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com