Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 28 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 24Page - STMicroelectronics M69KB128AA Datasheet HTML 25Page - STMicroelectronics M69KB128AA Datasheet HTML 26Page - STMicroelectronics M69KB128AA Datasheet HTML 27Page - STMicroelectronics M69KB128AA Datasheet HTML 28Page - STMicroelectronics M69KB128AA Datasheet HTML 29Page - STMicroelectronics M69KB128AA Datasheet HTML 30Page - STMicroelectronics M69KB128AA Datasheet HTML 31Page - STMicroelectronics M69KB128AA Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
7 Configuration registers
M69KB128AA
28/68
Table 8.
Register Selection
7.2
Programming and Reading the Registers by the software
method
All registers (BCR, RCR, DIDR) can be read by issuing a Read Configuration Register
sequence (see Figure 8: Read Configuration Register (Software Method).
BCR and RCR can be programmed by issuing a Set Configuration Register sequence (see
Figure 7: Set Configuration Register (Software Method).
The timings will be identical to those described in Table 17: Asynchronous Read AC
Characteristics. The Configuration Register Enable input, CR, is ‘don’t care’.
Read Configuration Register and Set Configuration Register sequences both require 4 read or
write cycles. These cycles will be executed in asynchronous mode, whatever the device
operating mode:
1.
2 bus read and one bus write cycles to a unique address location, 7FFFFFh, indicate that
the next operation will read or write to a configuration register. The data written during the
third cycle must be ‘0000h’ to access the RCR, ‘0001h’ to access the BCR and ‘0002h’ to
access the DIDR during the next cycle.
2.
The fourth cycle reads from or writes to the configuration register.
The timings for programming and reading the registers by the software method are identical to
the asynchronous write and read timings.
Register
Read or Write Operation
A18
A19
RCR
Read/Write
0
0
BCR
Read/Write
0
1
DIDR
Read-Only
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com