Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 57 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 53Page - STMicroelectronics M69KB128AA Datasheet HTML 54Page - STMicroelectronics M69KB128AA Datasheet HTML 55Page - STMicroelectronics M69KB128AA Datasheet HTML 56Page - STMicroelectronics M69KB128AA Datasheet HTML 57Page - STMicroelectronics M69KB128AA Datasheet HTML 58Page - STMicroelectronics M69KB128AA Datasheet HTML 59Page - STMicroelectronics M69KB128AA Datasheet HTML 60Page - STMicroelectronics M69KB128AA Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
M69KB128AA
9 DC and AC parameters
57/68
Figure 27. Burst Read Interrupted by Burst Read or Write AC Waveforms
1.
The latency Type (BCR14) can be set to fixed or variable.The Latency is set to 3 clock cycles (BCR13-BCR11 = 101).
WAIT is active Low (BCR10=0), and is asserted during delay (BCR8=0). All Burst operations are given for variable latency
and no refresh collision.
2.
The Burst Read is interrupted during the first allowable clock cycle, i.e. after the first data is received by the microcontroller.
3.
E can remain Low, VIL, between burst operations, but it must not remain Low for longer than tELEH.
4.
If the latency is variable, WAIT is asserted tKHTV after L is clocked Low. If the latency is fixed, WAIT is asserted tLLTV after L
falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com