Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA Datasheet(PDF) 43 Page - STMicroelectronics

Part # M69KB128AA
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 39Page - STMicroelectronics M69KB128AA Datasheet HTML 40Page - STMicroelectronics M69KB128AA Datasheet HTML 41Page - STMicroelectronics M69KB128AA Datasheet HTML 42Page - STMicroelectronics M69KB128AA Datasheet HTML 43Page - STMicroelectronics M69KB128AA Datasheet HTML 44Page - STMicroelectronics M69KB128AA Datasheet HTML 45Page - STMicroelectronics M69KB128AA Datasheet HTML 46Page - STMicroelectronics M69KB128AA Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
M69KB128AA
9 DC and AC parameters
43/68
Table 18.
Asynchronous Page Read AC Characteristics
Figure 14. Asynchronous Random Read AC Waveforms
Symbol
Alt.
Parameter(1)
1.
These timings have been obtained in the measurement conditions described in Table 14: Operating and AC Measurement
Conditions and Figure 13: AC Measurement Load Circuit.
M69KB128AA
Unit
70ns
85ns
Min
Max
Min
Max
tAVQV1
tAPA
Page Access Time
20
25
ns
tAVAV
tPC
Page Cycle Time
20
25
ns
tELEH
tCEM
Maximum Chip Enable Pulse Width
4
4
µs
tAVQX
tOH
Data Hold from Address Change
5
5
ns
AI11276c
Addr.
WAIT
VALID ADDRESS
tEHQZ
tBLQV
Hi-Z
Hi-Z
tAVAX
tELQV
tBHQZ
tGHQZ
tGLQV
tELTV
VALID
OUTPUT
Hi-Z
tELQX
tGLQX
E
LB/UB
G
W
DQ0-DQ15
tAVQV
Hi-Z
tBLQX
L
tEHEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com