Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 3Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 4Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 5Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 6Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 7Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 8Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 9Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 10Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
4.2
Recommended operating conditions
All voltages referred to ground pins unless otherwise specified. The junction temperature must be maintained
within recommended operating conditions with proper thermal design.
Table 3. Recommended operating conditions
Symbol
Parameter
Note
Min.
Max.
Unit
VCC
Logic supply voltage
10.7
18
V
VVCC-PGND
Logic supply voltage vs. PGND
7.5
20
V
PGND
Low-side driver ground
-3
3
V
VBO
VBOOT-OUT pin voltage
(1)
7.5
20
V
VOUT
DC output voltage
-9.3 (2)
520
V
Transient output voltage
ttrans < 1 ms
600
V
VCCL
Low-side driver voltage vs. GND
3
V
CIN
Comparator input voltage
0
15
V
Vi
Logic inputs voltage range
0
20
V
CVCCH, CVCCL
Driver supply voltage bypass capacitors (3)
47
470
nF
CBOOT
High-side driver linear regulator input capacitors (4)
CVCCH
3300
nF
tINmin
Minimum duration of input pulse
50
ns
fSW
Switching frequency (5)
Duty cycle = 50%
2
MHz
TJ-op
Junction temperature
-40
125
°C
1. VBOOT = VBOOT-GND must be ≥ 5 V to propagate high-side commands.
2. VBO = 20 V, VCC = 10.7 V
3. X7R, 16 V, Ceramic capacitor having ESR lower or equal to 50 mΩ.
4. X7R, 50 V, Ceramic capacitor having ESR lower or equal to 50 mΩ.
5. Actual limit depends on power dissipation constraints.
4.3
Thermal data
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth(J-A)
Thermal resistance junction-to-ambient (1)
85
°C/W
Rth(J-A)
Thermal resistance junction-to-ambient (2)
110
°C/W
1. The thermal resistance is obtained simulating the device mounted on a 2s2p (4 layer) FR4 board according to JESD51-7
without PCB thermal vias.
2. The thermal resistance is obtained simulating the device mounted on a 1s0p (1 layer) FR4 board according to JESD51-3.
STDRIVEG611
Device ratings
DS14457 - Rev 2
page 7/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com